PART |
Description |
Maker |
STM32F101T6U6XXX STM32F101R4U6XXX STM32F101R4U6AXX |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics
|
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
STM32F103RG STM32F103RF STM32F103RGT6 STM32F103VF |
Mainstream Performance line, ARM Cortex-M3 MCU with 1 Mbyte Flash, 72 MHz CPU, motor control, USB and CAN XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces Mainstream Performance line, ARM Cortex-M3 MCU with 768 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics STMicroelectronics
|
LUCL9310GP-DT L9310 LUCL9310AP-D LUCL9310AP-DT LUC |
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
|
AGERE[Agere Systems]
|
LUCL9311AP-DT LUCL9311GP-D LUCL9311GP0DT |
Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
|
http://
|
L9310 |
Line Interface and Line Access Circuit,Full-Feature SLIC, Ringing Relay, and Test Access Device(线接口和线存取电路,特点齐全的用户接口、振铃继电器和存取测试器
|
Lineage Power
|
STM32F103VBT6TR STM32F103VBT6XXX STM32F103VBT7TR S |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
|
STMicroelectronics
|
STM32F103ZC STM32F103ZCY6TR STM32F103ZCY6XXX STM32 |
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
|
STMicroelectronics
|
STM32F103ZEH7XXX STM32F103ZEH6XXX STM32F103VET7XXX |
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
|
STMicroelectronics
|
FT311D-32L1C FT311D-32Q1C DSFT311D |
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
|
Future Technology Devices International Ltd.
|
L9313 LUCL9313GP-DT LUCL9313AP-D LUCL9313AP-DT LUC |
Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
|
AGERE[Agere Systems]
|